Part Number Hot Search : 
12S12 8305AGI 2N1489 29059706 IR15XB08 203U0 ZS20XI KSM540
Product Description
Full Text Search
 

To Download JAN2N5684 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/466 Devices 2N5683 2N5684 Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation (1)
Symbol
VCEO VCBO VEBO IB IC PT TJ, Tstg Symbol RJC
2N5683
60 60
2N5684
80 80
Unit
Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
*See appendix A for package outline
@ TC = 250C @ TC = 1000C Operating & Storage Junction Temperature Range
5.0 15 50 300 171 -65 to +200 Max. 0.584
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case
0
TO-3* (TO-204AA)
1) Derate linearly 1.715 W/0C between TC = +250C and TC = +2000C ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 200 mAdc Collector-Emitter Cutoff Current VCE = 30 Vdc VCE = 40 Vdc Collector-Emitter Cutoff Current VCE = 60 Vdc, VBE = 1.5 Vdc VCE = 80 Vdc, VBE = 1.5 Vdc Collector-Base Cutoff Current VCB = 60 Vdc VCB = 80 Vdc Emitter-Base Cutoff Current VEB = 5.0 Vdc 2N5683 2N5684 2N5683 2N5684 2N5683 2N5684 2N5683 2N5684 V(BR)CEO 60 80 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Vdc
ICEO
Adc
ICEX
Adc
ICBO IEBO
Adc Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N5683, 2N5684 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 5.0 Adc, VCE = 2.0 Vdc IC = 25 Adc, VCE = 2.0 Vdc IC = 50 Adc, VCE = 5.0 Vdc Collector-Emitter Saturation Voltage IC = 25 Adc, IB = 2.5 Adc IC = 50 Adc, IB = 10 Adc Base-Emitter Saturation Voltage IC = 25 Adc, IB = 2.5 Adc Base-Emitter Voltage IC = 25 Adc, VCE = 2.0 Vdc hFE 30 15 5.0 60
VCE(sat) VBE(sat) VBE(on)
1.0 5.0 2.0 2.0
Vdc Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 5.0 Adc, VCE = 10 Vdc, f = 1.0 MHz Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 10 Adc, VCE = 5.0 Vdc, f = 1.0 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 0.1 MHz f 1.0 MHz hfe hfe Cobo 2.0 15 2,000 pF 20
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 25 Adc; IB = 2.5 Adc Turn-Off Time VCC = 30 Vdc; IC = 25 Adc; IB1 = IB2 = 2.5 Adc
t
on
1.5 3.0
s s
t
off
SAFE OPERATING AREA
DC Tests
TC = +250C, 1 Cycle, t = 1.0 s
Test 1
VCE = 6.0 Vdc, IC = 50 Adc
Test 2
All Types All Types 2N5683 2N5684
VCE = 30 Vdc, IC = 10 Adc
Test 3
(2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
VCE = 50 Vdc, IC = 560 mAdc VCE = 60 Vdc, IC = 640 mAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of JAN2N5684

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X